Part Number Hot Search : 
AZS0430L C16LF P2N60 C1297 4ACT24 PSBZ125 STK40 CXA2542
Product Description
Full Text Search
 

To Download MC10E1651 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 november, 2005 ? rev. 6 1 publication order number: MC10E1651/d MC10E1651 5v, ?5v dual ecl output comparator with latch the MC10E1651 is fabricated using on semiconductor?s advanced mosaic iii ? process. the MC10E1651 incorporates a fixed level of input hysteresis as well as output compatibility with 10 kh logic devices. in addition, a latch is available allowing a sample and hold function to be performed. the device is available in both a 16-pin dip and a 20-pin surface mount package. the latch enable (len a and len b ) input pins operate from standard ecl 10 kh logic levels. when the latch enable is at a logic high level, the MC10E1651 acts as a comparator; hence, q will be at a logic high level if v1 > v2 (v1 is more positive than v2). q is the complement of q. when the latch enable input goes to a low logic level, the outputs are latched in their present state providing the latch enable setup and hold time constraints are met. features ? typical 3.0 db bandwidth > 1.0 ghz ? typical v to q propagation delay of 775 ps ? typical output rise/fall of 350 ps ? common mode range ? 2.0 v to +3.0 v ? individual latch enables ? differential outputs ? 28 mv input hysteresis ? operating mode: v cc = 5.0 v, v ee = ? 5.2 v, gnd = 0 v ? no internal input pulldown resistors ? esd protection: > 2 kv human body model, > 100 v machine model ? meets or exceeds jedec spec eia/jesd78 ic latchup test ? moisture sensitivity level 1 for additional information, see application note and8003/d ? flammability rating: ul 94 v ? 0 @ 0.125 in, oxygen index: 28 to 34 ? transistor count = 85 devices ? pb ? free packages are available* *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. marking diagrams 1 16 cdip ? 16 l suffix case 620a MC10E1651l awlyyww plcc ? 20 fn suffix case 775 http://onsemi.com 20 1 MC10E1651g awlyyww 120 a = assembly location wl = wafer lot yy = year ww = work week g= pb ? free package see detailed ordering and shipping information in the package dimensions section on page 7 of this data sheet. ordering information
MC10E1651 http://onsemi.com 2 20-lead plcc (top view) qb gnd nc gnd qa qb len b nc v1b v2b v cc nc nc v ee v cc qa len a nc v2a v1a 16-pin ceramic dip (top view) 8 7 6 5 4 3 2 1 9 10 11 12 13 14 15 16 nc v cc v2b v1b len b qb qb gnd v ee v cc v1a v2a len a qa qa gnd 19 18 13 17 16 15 14 12 11 10 9 45678 20 1 2 3 warning: all v cc , gnd, and v ee pins must be externally connected to power supply to guarantee proper operation. figure 1. logic diagrams and pinout assignments * all v cc and v cco pins are not tied together on the die. qa qa len a v2a v1a qb qb len b v2b v1b figure 2. logic diagram v ee = ? 5.2 v v cc = +5.0 v table 1. pin description pin function qa, qa ecl differential outputs (a) qb, qb ecl differential outputs (b) lena , lenb ecl latch enable v1a, v1b input comparator 1 v2a, v2b input comparator 2 v cc positive supply v ee negative supply nc no connect gnd ground table 2. function table len v1, v2 function h h l v1 > v2 v1 < v2 x h l latched
MC10E1651 http://onsemi.com 3 table 3. maximum ratings symbol parameter condition 1 condition 2 rating unit v sup total supply voltage |v ee | + |v cc | 12.0 v v pp differential input voltage |v1 ? v2| 3.7 v v i input voltage v ee  v i  v cc v i out output current continuous surge 50 100 ma ma t a operating temperature range 0 to +85 c t stg storage temperature range ? 65 to +150 c  ja thermal resistance (junction ? to ? ambient) 0 lfpm 500 lfpm 28 plcc 28 plcc 63.5 43.5 c/w c/w  jc thermal resistance (junction ? to ? case) standard board 28 plcc 22 to 26 c/w v ee operating range gnd = 0 v ? 4.2 to ? 5.7 v t sol wave solder pb pb ? free  3 sec @ 248 c  3 sec @ 260 c 265 265 c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. table 4. dc characteristics v cc = +5.0 v 5%; v ee = ? 5.2 v 5%, v cc = 0 v (note 1) 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit v oh output high voltage (note 1) ? 1020 ? 840 ? 980 ? 810 ? 920 ? 735 mv v ol output low voltage (note 1) ? 1950 ? 1630 ? 1950 ? 1630 ? 1950 ? 1600 mv v il input low voltage (len ) (note 1) ? 1.95 ? 1.48 ? 1.95 ? 1.48 ? 1.95 ? 1.45 mv v ih input high voltage (len ) (note 1) ? 1.17 ? 0.84 ? 1.13 ? 0.81 ? 1.07 ? 0.735 mv ii i ih input current (v1, v2) input high current (len ) 65 150 65 150 65 150  a i cc i ee positive supply current negative supply current 50 ? 55 50 ? 55 50 ? 55 ma vcmr common mode range (note 2) ? 2.0 3.0 ? 2.0 3.0 ? 2.0 3.0 v hys hysteresis 27 27 30 mv v skew hysteresis skew (note 3) ? 1.0 ? 1.0 0 mv c in input capacitance dip plcc 3 2 3 2 3 2 pf note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. input v il and v ih parameters vary 1:1 with v cc . output v oh and v ol parameters vary 1:1 with gnd. 2. vcmr min varies 1:1 with v ee ; max varies 1:1 with v cc . 3. hysteresis skew (v skew ) is provided to indicate the offset of the hysteresis window. for example, at 25 c the nominal hysteresis value is 27 mv and the v skew value indicates that the hysteresis was skewed from the reference level by 1mv in the negative direction. hence the hysteresis window ranged from 14 mv below the reference level to 13 mv above the reference level. all hysteresis measurements w ere determined using a reference voltage of 0 mv.
MC10E1651 http://onsemi.com 4 table 5. ac characteristics v cc = +5.0 v 5%; v ee = ? 5.2 v 5%, v cc = 0 v (note 4) symbol characteristic 0 c 25 c 85 c unit min typ max min typ max min typ max f max maximum toggle frequency tbd > 1.0 tbd ghz t plh t phl propagation delay to output (note 4) v to q len to q 600 400 750 575 900 750 625 400 775 575 925 750 700 500 850 650 1050 850 ps t s setup time v 450 300 450 300 550 350 ps t h enable hold time v ? 50 ? 250 ? 50 ? 250 ? 100 ? 250 ps t pw minimum pulse width len 400 400 400 ps t skew within device skew (note 5) 15 15 15 ps t jitter cycle ? to ? cycle jitter tbd tbd tbd ps t de delay dispersion (ecl levels) (notes 6, 7) (notes 6, 8) 100 60 ps t dl delay dispersion (ttl levels) (notes 9, 10) (notes 8, 9) 350 100 ps t r t f rise/fall times (20-80%) 225 325 475 225 325 475 250 375 500 ps note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 4. input v il and v ih parameters vary 1:1 with v cc , output v oh and v ol parameters vary 1:1 with gnd. 5. t skew is the propagation delay skew between comparator a and comparator b for a particular part under identical input conditions. 6. refer to figure 4 and note that the input is at 850mv ecl levels with the input threshold range between the 20% and 80% points. the dela y is measured from the crosspoint of the input signal and the threshold value to the crosspoint of the q and q output signals. 7. the slew rate is 0.25 v/ns for input rising edges. 8. the slew rate is 0.75 v/ns for input rising edges. 9. refer to figure 5 and note that the input is at 2.5 v ttl levels with the input threshold range between the 20% and 80% point s. the delay is measured from the crosspoint of the input signal and the threshold value to the crosspoint of the q and q output signals. 10. the slew rate is 0.3 v/ns for input rising edges.
MC10E1651 http://onsemi.com 5 applications information the timing diagram (figure 3.) is presented to illustrate the MC10E1651?s compare and latch features. when the signal on the len pin is at a logic high level, the device is operating in the ?compare mode,? and the signal on the input arrives at the output after a nominal propagation delay (t phl , t plh ). the input signal must be asserted for a time, t s , prior to the negative going transition on len and held for a time, t h , after the len transition. after time t h , the latch is operating in the ?latch mode,? thus transitions on the input do not appear at the output. the device continues to operate in the ?latch mode? until the latch is asserted once again. moreover, the len pulse must meet the minimum pulse width (t pw ) requirement to effect the correct input-output relationship. note that the len waveform in figure 3. shows the len signal swinging around a reference labeled vbb int ; this waveform emphasizes the requirement that len follow typical ecl 10kh logic levels because vbb int is the internally generated reference level, hence is nominally at the ecl v bb level. finally, v od is the input voltage overdrive and represents the voltage level beyond the threshold level (v thr ) to which the input is driven. as an example, if the threshold level is set on one of the comparator inputs as 80 mv and the input signal swing on the complementary input is from zero to 100 mv, the positive going overdrive would be 20 mv and the negative going overdrive would be 80 mv. the result of differing overdrive levels is that the devices have shorter propagation delays with greater overdrive because the threshold level is crossed sooner than the case of lower overdrive levels. typically, semiconductor manufactures refer to the threshold voltage as the input offset voltage (vos) since the threshold voltage is the sum of the externally supplied reference voltage and inherent device offset voltage. figure 3. input/output timing diagram q q v thr v len vbb int v od t pw t h t s t phl t plh(len ) v in
MC10E1651 http://onsemi.com 6 delay dispersion under a constant set of input conditions comparators have a specified nominal propagation delay. however, since propagation delay is a function of input slew rate and input voltage overdrive the delay dispersion parameters, t de and t dt , are provided to allow the user to adjust for these variables (where t de and t dt apply to inputs with standard ecl and ttl levels, respectively). figure 4 and figure 5 define a range of input conditions which incorporate varying input slew rates and input voltage overdrive. for input parameters that adhere to these constraints the propagation delay can be described as: t nom t de (or t dt ) where t nom is the nominal propagation delay. t nom accounts for nonuniformity introduced by temperature and voltage variability, whereas the delay dispersion parameter takes into consideration input slew rate and input voltage overdrive variability. thus a modified propagation delay can be approximated to account for the effects of input conditions that differ from those under which the parts where tested. for example, an application may specify an ecl input with a slew rate of 0.25 v/ns, an overdrive of 17 mv and a temperature of 25 c, the delay dispersion parameter would be 100 ps. the modified propagation delay would be 775 ps 100 ps figure 4. ecl dispersion test input conditions figure 5. ttl dispersion test input conditions 0 v 0.5 v 2.0 v 2.5 v ? 1.75 v ? 1.58 v ? 1.07 v ?0.9 v slew rate = 0.75 v/ns slew rate = 0.75 v/ns slew rate = 0.25 v/ns slew rate = 0.30 v/ns input threshold range input threshold range
MC10E1651 http://onsemi.com 7 figure 6. typical termination for output driver and device evaluation (see application note and8020/d ? termination of ecl logic devices.) driver device receiver device qd q d z o = 50  z o = 50  50  50  v tt v tt = gnd ? 2.0 v ordering information device package shipping ? MC10E1651l cdip ? 16 1 units / rail MC10E1651fn plcc ? 20 46 units / rail MC10E1651fng plcc ? 20 (pb ? free) 46 units / rail MC10E1651fnr2 plcc ? 20 500 / tape & reel MC10E1651fnr2g plcc ? 20 (pb ? free) 500 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. resource reference of application notes an1405/d ? ecl clock distribution techniques an1406/d ? designing with pecl (ecl at +5.0 v) an1503/d ? eclinps  i/o spice modeling kit an1504/d ? metastability and the eclinps family an1568/d ? interfacing between lvds and ecl an1642/d ? the ecl translator guide and8001/d ? odd number counters design and8002/d ? marking and date codes and8020/d ? termination of ecl logic devices and8066/d ? interfacing with eclinps and8090/d ? ac characteristics of ecl devices
MC10E1651 http://onsemi.com 8 package dimensions cdip ? 16 l suffix ceramic dip package case 620a ? 01 issue o notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: inch. 3. dimension l to center of lead when formed parallel. 4. dimension f may narrow to 0.76 (0.030) where the lead enters the ceramic body. 5 this drawing replaces obsolete case outline 620?10. f e n k c seating plane a m 0.25 (0.010) t m l dim min max min max millimeters inches a 0.750 0.785 19.05 19.93 b 0.240 0.295 6.10 7.49 c ??? 0.200 ??? 5.08 d 0.015 0.020 0.39 0.50 e 0.050 bsc 1.27 bsc f 0.055 0.065 1.40 1.65 g 0.100 bsc 2.54 bsc h 0.008 0.015 0.21 0.38 k 0.125 0.170 3.18 4.31 l 0.300 bsc 7.62 bsc m 0 15 0 15 n 0.020 0.040 0.51 1.01  a b a b 16 1 9 8 g 16x d b m 0.25 (0.010) t t 16x j
MC10E1651 http://onsemi.com 9 package dimensions ? m ? ? n ? ? l ? y brk w v d d s l?m m 0.007 (0.180) n s t s l?m m 0.007 (0.180) n s t s l?m s 0.010 (0.250) n s t x g1 b u z view d ? d 20 1 s l?m m 0.007 (0.180) n s t s l?m m 0.007 (0.180) n s t s l?m s 0.010 (0.250) n s t c g view s e j r z a 0.004 (0.100) ? t ? seating plane s l?m m 0.007 (0.180) n s t s l?m m 0.007 (0.180) n s t h view s k k1 f g1 20 lead pllc case 775 ? 02 issue e notes: 1. dimensions and tolerancing per ansi y14.5m, 1982. 2. dimensions in inches. 3. datums ? l ? , ? m ? , and ? n ? determined where top of lead shoulder exits plastic body at mold parting line. 4. dimension g1, true position to be measured at datum ? t ? , seating plane. 5. dimensions r and u do not include mold flash. allowable mold flash is 0.010 (0.250) per side. 6. dimensions in the package top may be smaller than the package bottom by up to 0.012 (0.300). dimensions r and u are determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. 7. dimension h does not include dambar protrusion or intrusion. the dambar protrusion(s) shall not cause the h dimension to be greater than 0.037 (0.940). the dambar intrusion(s) shall not cause the h dimension to be smaller than 0.025 (0.635). dim min max min max millimeters inches a 0.385 0.395 9.78 10.03 b 0.385 0.395 9.78 10.03 c 0.165 0.180 4.20 4.57 e 0.090 0.110 2.29 2.79 f 0.013 0.019 0.33 0.48 g 0.050 bsc 1.27 bsc h 0.026 0.032 0.66 0.81 j 0.020 ??? 0.51 ??? k 0.025 ??? 0.64 ??? r 0.350 0.356 8.89 9.04 u 0.350 0.356 8.89 9.04 v 0.042 0.048 1.07 1.21 w 0.042 0.048 1.07 1.21 x 0.042 0.056 1.07 1.42 y ??? 0.020 ??? 0.50 z 2 10 2 10 g1 0.310 0.330 7.88 8.38 k1 0.040 ??? 1.02 ??? 
MC10E1651 http://onsemi.com 10 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2 ? 9 ? 1 kamimeguro, meguro ? ku, tokyo, japan 153 ? 0051 phone : 81 ? 3 ? 5773 ? 3850 MC10E1651/d eclinps is a trademark of semiconductor components industries, llc (scillc). mosaic iii is a trademark of motorola, inc. literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082 ? 1312 usa phone : 480 ? 829 ? 7710 or 800 ? 344 ? 3860 toll free usa/canada fax : 480 ? 829 ? 7709 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MC10E1651

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X